PART |
Description |
Maker |
IRFIZ48N IRFIZ48 IRFIZ48NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
|
IRF[International Rectifier]
|
IRFZ44N IRFZ44 IRFZ44NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
|
IRF[International Rectifier]
|
IRFZ24N IRFZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
|
IRF[International Rectifier]
|
IRF3205 IRF3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A? Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A) Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A?) Power MOSFET(Vdss=55V/ Rds(on)=8.0mohm/ Id=110A)
|
IRF[International Rectifier]
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF1010N IRF1010NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A?
|
International Rectifier
|
IRFP064N IRFP064NPBF |
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A) Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A?)
|
IRF[International Rectifier] Power MOSFET
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IPD12N03L IPU12N03L |
DDM43W2S OptiMOS Power MOSFET, 30V, TO251, RDSon = 10.4mOhm, 30A, LL OptiMOS Power MOSFET, 30V, DPAK, RDSon = 10.4mOhm, 30A, LL OptiMOS Buck converter series
|
INFINEON[Infineon Technologies AG] http://
|
IRF9Z34NL IRF9Z34NS IRF9Z34NSTRL IRF9Z34NSTRR |
Power MOSFET(Vdss=-55V/ Rds(on)=0.10ohm/ Id=-19A) Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A) -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
STB185N55F3 STP185N55F3 |
120 A, 55 V, 0.0035 ohm, N-CHANNEL, Si, POWER, MOSFET N-channel 55V - 3.2m楼? - 120A - D2PAK/TO-220 STripFET垄芒 Power MOSFET N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET?/a> Power MOSFET N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET Power MOSFET N-channel 55V - 3.2mヘ - 120A - D2PAK/TO-220 STripFET⑩ Power MOSFET
|
STMicroelectronics
|
HUF75333S3S HUF75333G3 HUF75333P3 HUF75333S3 HUF75 |
55V N-Channel UltraFET Power MOSFET 66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|